Part Number Hot Search : 
ARV241 MA2B182 30M125 P6KE200C LPBA50M 223ML 2N3859A H0013NL
Product Description
Full Text Search
 

To Download 2SA2049 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA2049
Transistor
Medium power transistor (-30V, -2.0A)
2SA2049
!Features 1) High speed switching. (Tf : Typ. : 20ns at IC = -2.0A) 2) Low saturation voltage, typically (Typ. : -250mV at IC = -1.0A, IB = -100mA) 3) Strong discharge power for inductive load and capacitance load. 4) Complements the 2SC5731 !External dimensions (Units : mm)
MPT3
1.5 0.4
1.0
(1)
4.0 2.5
0.5
0.5
(3)
1.5 0.4
(1)Base (2)Collector (3)Emitter
0.4
Each lead has same dimensions
Abbreviated symbol : UX
!Applications Small signal low frequency amplifier High speed switching
!Structure PNP Silicon epitaxial planar transistor
!Packaging specifications
Package Type 2SA2049 Code Basic ordering unit (pieces) Taping T100 1000
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Power dissipation Junction temperature Range of storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Limits -30 -30 -6 -2.0 -4.0 500 2.0 150 -55~+150 Unit V V V A A 1 mW W 2 C C
1 Pw=100ms *2 Mounted on a 40x40x0.7 (mm) ceramic substrate
1.5
1.6 4.5
3.0
(2)
1/3
2SA2049
Transistor
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Collector-emitter saturation voltage DC current gain Transition frequency Collector output capacitance Turn-on time Storage time Fall time Symbol Min. Typ. Max. Unit Conditions BVCBO -30 - - V IC= -100A BVCEO -30 - - V IC= -1mA BVEBO -6 - - V IE= -100A - - -1.0 A VCB= -20V ICBO IEBO - - -1.0 A VEB= -4V VCE (sat) - -250 -500 mV IC= -1.0A, IB= -100mA hFE VCE= -2V, IC= -100mA 120 - 390 - fT - 350 - MHz VCE= -10V, IE=100mA, f=10MHz Cob - 25 - pF VCB= -10V, IE=0A, f=1MHz Ton - 25 - ns IC= -2.0A IB1= -200mA Tstg - 100 - ns IB2=200mA Tf - 20 - ns VCC -25V
!hFE RANK
Q 120-270 R 180-390
!Electrical characteristic curves
-10
COLLECTOR CURRENT : IC (A)
1000
1ms 10ms
SWITCHING TIME : (ns)
-1 100ms DC -0.1
DC CURRENT GAIN : hFE
Ta=25C VCC= -25V IC/IB=10/1 Tstg
1000
VCE= -2V
100
Ta=125C Ta=25C Ta= -40C
100 Tf
10
-0.01
Single non repetitive Pulse -0.001 -0.01 -0.1
Ton
-1
-10
-100
10 -0.01
-0.1
-1
-10
1 -0.001
-0.01
-0.1
-1
-10
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.1 Safe Operating Area
Fig.2 Switching Time
Fig.3 DC Current Gain vs. Collector Current ()
1000
DC CURRENT GAIN : hFE
Ta=25C
COLLECTOR SATURATION VOLTAGE : VCE (sat) (V)
-10
IC/IB=10/1
COLLECTOR SATURATION VOLTAGE : VCE (sat) (V)
-10
Ta=25C
100
VCE= -5V VCE= -3V VCE= -2V
-1
Ta=125C Ta=25C Ta= -40C
-1
10
-0.1
-0.1 IC/IB=20/1 IC/IB=10/1 -0.01 -0.1 -1 -10
1 -0.001
-0.01
-0.1
-1
-10
-0.01 -0.001
-0.01
-0.1
-1
-10
-0.01 -0.001
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.4 DC Current Gain vs. Collector Current ()
Fig.5 Collector-Emitter Saturation Voltage vs. Collector Current ()
Fig.6 Collector-Emitter Saturation Voltage vs. Collector Current ()
2/3
2SA2049
Transistor
IC/IB=10/1 VCE= -2V -10 -10
TRANSITION FREQUENCY : fT (MHz)
1000
BASE EMITTER SATURATION VOLTAGE : VBE (sat) (V)
COLLECTOR CURRENT : IC (A)
Ta=25C VCE= -10V
-1
Ta=125C Ta=25C -1 Ta= -40C
100
Ta= -40C -0.1 Ta=25C Ta=125C
-0.1
10
-0.01 -0.001
-0.01
-0.1
-1
-10
-0.01
0
-0.5
-1
-1.5
1 0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
BASE TO EMITTER VOLTAGE : VBE (V)
EMITTER CURRENT : IE (A)
Fig.7 Base-Emitter Saturation Voltage vs.Collecter Current
Fig.8 Grounded Emitter Propagation Characteristics
Fig.9 Transition Frequency
100
COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
Ta=25C f=1MHz
10
1 -0.1
-1
-10
-100
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.10 Collector Output Capacitance
!Switching characteristics measurement circuits
RL=12.5
VIN
PW
IB1
IC VCC -25V
IB2 PW 50s DUTY CYCLE 1%
IB2 IB1 BASE CURRENT WAVEFORM 90% COLLECTOR CURRENT WAVEFORM IC 10% Ton Tstg Tf
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of 2SA2049

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X